PART |
Description |
Maker |
AD8034ARZ-REEL7 AD8033AR |
Low Cost, 80 MHz FastFET™ Op Amps DUAL OP-AMP, 3500 uV OFFSET-MAX, PDSO8 Low Cost, 80 MHz FastFET ?Op Amps
|
Analog Devices, Inc.
|
ADA4817-1 ADA4817-1ACPZ-R2 ADA4817-1ACPZ-R7 ADA481 |
Low Noise, 1 GHz FastFET Op Amps
|
Analog Devices
|
AD8066 AD8066AR AD8066ARM AD8066ARM-REEL AD8066ARM |
High Performance, 145 MHz FastFET Op Amps High Performance 145 MHz FastFET Op Amps High Performance, 145 MHz FastFET⑩ Op Amps
|
AD[Analog Devices]
|
AD737 AD737AQ AD737BQ AD737JN AD737JR AD737JR-REEL |
Low Cost, Low Power, True RMS-to-DC Converter 622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET Low Cost/ Low Power/ True RMS-to-DC Converter Low Cost, Low Power, True RMS-to-DC Converter RMS TO DC CONVERTER, 0.005 MHz, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
HLMP-4101-ZZ000 HLMP-4100 HLMP-4100-P0000 HLMP-410 |
T-1 3/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps NPN Epitaxial Silicon Transistor 的T 1 3 / 4毫米),双异质结AlGaAs的很高的强度红色LED 70-MHz High-Speed Amplifier 8-CDIP -55 to 125 的T 1 3 / 4毫米),双异质结AlGaAs的很高的强度红色LED T-1 3/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps 的T 1 3 / 4毫米),双异质结AlGaAs的很高的强度红色LED 70-MHz Low-Cost Voltage-Feedback Amplifier 8-SOIC -40 to 85 70-MHz Low-Cost Voltage-Feedback Amplifier 8-MSOP-PowerPAD 0 to 70 70-MHz High-Speed Amplifier 20-LCCC -55 to 125 70-MHz Low-Cost Voltage-Feedback Amplifier, Dual 8-SOIC 0 to 70 70-MHz Low-Cost Voltage-Feedback Amplifier, Dual 8-SOIC -40 to 85 70-MHz Low-Cost Voltage-Feedback Amplifier, Dual 8-MSOP-PowerPAD 0 to 70 70-MHz Low-Cost Voltage-Feedback Amplifier 8-MSOP-PowerPAD -40 to 85 HLMP-4101-ST000 · T-1 3/4 (5mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps HLMP-4101 · T-1 3/4 Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
|
Atmel, Corp. Cypress Semiconductor, Corp. Amphenol, Corp. 3M Company Electronic Theatre Controls, Inc. http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
AD623B AD623BN AD623BR AD623BR-REEL AD623BR-REEL7 |
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 350 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDIP8 RECTIFIER SCHOTTKY DUAL 60A 30V 500A-ifsm 0.55V-vf 20mA-ir TO-3P 30/TUBE Single Supply/ Rail-to-Rail/ Low Cost Instrumentation Amplifier Single Supply, Rail-Rail, Low Cost Instrumentation Amplifiers 80-Lead Mixed Signal DSP with 5, 16-bit Sigma-Delta ADCs
|
Analog Devices, Inc. AD[Analog Devices]
|
DS52-0004 DS52-0004-TR DS52-0004-RTR |
1510-1660 MHz, Low cost two-way SMT power divider Low Cost Two-Way SMT Power Diveder 1510-1660MHz From old datasheet system
|
MA-Com MACOM[Tyco Electronics]
|
QL2003 QL2003_DS QL2003-0PF100C QL2003-0PF100I QL2 |
3.3V and 5.0V pASIC2 FPGA combining speed, density, low cost and flexibility. 3.3V and 5.0V pASICò 2 FPGA From old datasheet system 3.3V AND 5.0V PASIC-R 2 FPGA COMBINING SPEED, DENSITY, LOW COST AND FLEXIBILITY 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility(高速,高可用密度,低成本、可适应性强.3V.0V pASIC 2系列场可编程逻辑器件) FPGA, 192 CLBS, 5000 GATES, 200 MHz, PQCC84
|
List of Unclassifed Manufacturers ETC QuickLogic Corp.
|
FL07-0002-GSAM FL07-0002-G FL07-0002-G-TR |
Low Cost SMT Low Pass Filter DC - 2000 MHz
|
M/A-COM Technology Solutions, Inc.
|
FL07-0001-G FL07-0001-G-TR |
Low Cost SMT Low Pass Filter DC - 1000 MHz
|
M/A-COM Technology Solutions, Inc.
|
AD853108 AD8532ARM-R2 AD8532ARM-REEL AD8532ARMZ-R2 |
Low Cost, 250 mA Output, Single-Supply Amplifiers Dual, Low Cost, 250 mA Output, Single-Supply Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 30000 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO8
|
http:// Analog Devices, Inc.
|
FL05-0002-G-TR FL05-0002-G FL05-0002-G-RTR |
1700-3000 MHz, low cost SMT high pass filter Low Cost SMT High Pass Filter 1700-3000 MHz 低成本贴片高通滤波器1700-3000兆赫
|
MA-Com MACOM[Tyco Electronics] SMSC, Corp.
|